Part Number Hot Search : 
AD7569JP NK306PN 1N6267 X1624 3FJ128G TPC11 5802U TC9243P
Product Description
Full Text Search
 

To Download NTQD4154Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 april, 2005 ? rev. 1 1 publication order number: NTQD4154Z/d NTQD4154Z power mosfet 20 v, 7.5 a, common?drain, dual n?channel tssop?8 features ? common drain for ease of circuit connection ? low r ds(on) extending battery life ? esd protected gate applications ? li?ion battery protection circuit ? power management in portable and battery?powered products maximum ratings (t j = 25 c unless otherwise stated) parameter symbol value units drain?to?source voltage v dss 20 v gate?to?source voltage v gs 12 v continuous drain current (note 1) steady state t a = 25 c i d 7.5 a current (note 1) state t a = 75 c 5.8 power dissipation (note 1) t a = 25 c p d 1.52 w continuous drain current (note 2) t 10 s t a = 25 c i d 9.8 a current (note 2) t a = 75 c 7.6 power dissipation t 10 s t a = 25 c p d 2.6 w power dissi ation (note 2) t 10 s t a 25 c p d 2 . 6 w pulsed drain current tp = 10  s i dm 30 a operating junction and storage temperature t j , t stg ?55 to 150 c source current (body diode) i s 2.2 a lead temperature for soldering purposes (1/8o from case for 10 s) t l 260 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. thermal resistance ratings parameter symbol max units junction?to?ambient steady state r q ja 82 c/w junction?to?ambient ? t 10 s r q ja 48 1. mounted onto a 2 square fr?4 board (1 sq. 2 oz. cu. 0.06 thick single?sided), steady state. 2. mounted onto a 2 square fr?4 board (1 sq. 2 oz. cu. 0.06 thick single?sided), t 10 secs. device package shipping 2 ordering information NTQD4154Z tssop?8 100 units/rail tssop?8 case 948s plastic 1 marking diagram & pin assignment n?channel d s1 g1 8 2 d s1 s1 g1 3 4 1 7 6 5 8d s2 s2 g2 top view NTQD4154Zr2 tssop?8 4000/tape & reel n?channel d s2 g2 54z = device code y = year ww = work week n = mosfet http://onsemi.com 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. 20 v 15 m  @ 4.5 v r ds(on) typ 7.5 a i d max v (br)dss 21 m  @ 2.5 v 250  250  54z yww n
NTQD4154Z http://onsemi.com 2 electrical characteristics (t j =25 c unless otherwise stated) parameter symbol test condition min typ max unit off characteristics drain?to?source breakdown voltage v (br)dss v gs = 0 v, i d = 250 m a 20 v drain?to?source breakdown voltage temperature coefficient v (br)dss /t j 12 mv/ c zero gate voltage drain current i dss v gs = 0 v, v 16 v t j = 25 c 1.0  a v ds = 16 v t j = 125 c 25 gate?to?source leakage current i gss v ds = 0 v, v gs = 4.5 v 1.0  a on characteristics (note 3) gate threshold voltage v gs(th) v gs = v ds , i d = 250 m a 0.6 1.5 v negative threshold temperature coefficient v gs(th) /t j 4.1 mv/ c drain?to?source on resistance r ds(on) v gs = 4.5 v, i d = 7.5 a 15 19 m w () v gs = 2.5 v, i d = 5.5 a 21 26 forward transconductance g fs v gs = 10 v, i d = 7.5 a 46 s charges and capacitances input capacitance c iss 1485 pf output capacitance c oss v gs = 0 v, f = 1.0 mhz, v ds = 16 v 220 reverse transfer capacitance c rss v ds = 16 v 175 total gate charge q g(tot) 21.5 nc threshold gate charge q g(th) v gs = 4.5 v, v d s = 10 v, 4.0 gate?to?source charge q gs v gs = 4 . 5 v , v ds = 10 v , i d = 7.5 a 6.0 gate?to?drain charge q gd 5.5 switching characteristics (note 4) turn?on delay time t d(on) 0.2  s rise time t r v gs = 4.5 v, v dd = 10 v, 0.5 turn?off delay time t d(off) v gs = 4 . 5 v , v dd = 10 v , i d = 7.5 a, r g = 6.0 w 1.12 fall time t f 0.86 drain?source diode characteristics (note 3) forward diode voltage v sd v gs = 0 v, i s = 6.5 a t j = 25 c 0.8 1.2 v reverse recovery time t rr 1.02  s t a v gs = 0 v, di sd /dt = 100 a/  s 0.32 t b v gs = 0 v , di sd /dt = 100 a/  s i s = 6.5 a 0.7 q rr 11.6  c 3. pulse test: pulse width 300  s, duty cycle 2%. 4. switching characteristics are independent of operating junction temperatures.
NTQD4154Z http://onsemi.com 3 typical performance curves (t j = 25 c unless otherwise noted) 3 v 125 c 0 30 24 3 2 v ds , drain?to?source voltage (volts) i d, drain current (amps) 6 0 1 figure 1. on?region characteristics 0 30 1.5 12 24 0.5 0 figure 2. transfer characteristics v gs , gate?to?source voltage (volts) 16 1000 100 figure 3. on?resistance vs. gate?to?source voltage v ds , drain?to?source voltage (volts) i dss, leakage current (na) i d, drain current (amps) 2.5 10 0.01 figure 4. on?resistance vs. drain current and gate voltage v gs, gate?to?source voltage (volts) ?50 0 ?25 25 1.0 0.5 0 50 125 100 figure 5. on?resistance variation with temperature t j , junction temperature ( c) t j = 25 c 100000 4 t j = ?55 c v gs = 0 v 0.0225 75 150 t j = 25 c i d = 7.5 a v gs = 4.5 v r ds(on), drain?to?source resistance (normalized) 25 c r ds(on), drain?to?source resistance (  ) 2.0 i d = 7.5 a 020 1.6 v 1.8 v 0.0175 0.015 45 10000 3.75 6.25 7.5 0.0125 v gs = 10, 5 & 4 v figure 6. drain?to?source leakage current vs. voltage 0 0.02 i d, drain current (amps) 0.05 0 r ds(on), drain?to?source resistance (  ) v gs = 4.5 v 0.01 0.04 v gs = 2.5 v 18 30 0.03 12 12 6 24 12 t j = 25 c 1.5 t j = 125 c t j = 150 c 2.5 3 6 12 18 v ds 10 v 18 2 v 0.02 5 8.75 6
NTQD4154Z http://onsemi.com 4 typical performance curves (t j = 25 c unless otherwise noted) v gs = 0 v 0 2.5 10 2500 1500 1000 500 0 20 gate?to?source or drain?to?source voltage (volts) c, capacitance (pf) 0 4 1 0 q g , total gate charge (nc) v gs, gate?to?source voltage (volts) t j = 25 c c oss c iss c rss i d = 7.5 a t j = 25 c 15 10 2 3 q2 q1 10 1 100 10 100 r g , gate resistance (ohms) t, time (ns) v dd = 10 v i d = 7.5 a v gs = 4.5 v 5 5 t d(off) t d(on) t f t r 15 5 0.6 0 v sd , source?to?drain voltage (volts) i s , source current (amps) v gs = 0 v t j = 25 c 1 0 5 7.5 figure 7. capacitance variation figure 8. gate?to?source voltage vs. total gate charge figure 9. resistive switching time variation vs. gate resistance figure 10. diode forward voltage vs. current 7.5 2000 25 20 qt 10000 0.2 2.5 0.4 12.5 17.5 1000 v ds , drain?to?source voltage (volts) i d , drain current (amps) figure 11. maximum rated forward biased safe operating area 0.1 10 100 1 v gs = 12 v single pulse r ds(on) limit 10 ms 1 ms 100 m s dc thermal limit package limit t c = 25 c 100 10 1 0.1 0.01 0.8
NTQD4154Z http://onsemi.com 5 package dimensions tssop?8 case 948s?01 plastic issue o dim min max min max inches millimeters a 2.90 3.10 0.114 0.122 b 4.30 4.50 0.169 0.177 c --- 1.10 --- 0.043 d 0.05 0.15 0.002 0.006 f 0.50 0.70 0.020 0.028 g 0.65 bsc 0.026 bsc l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. terminal numbers are shown for reference only. 6. dimension a and b are to be determined at datum plane -w-.  seating plane pin 1 1 4 85 detail e b c d a g l 2x l/2 ?u? s u 0.20 (0.008) t s u m 0.10 (0.004) v s t 0.076 (0.003) ?t? ?v? ?w? 8x ref k ident k 0.19 0.30 0.007 0.012 s u 0.20 (0.008) t p1 p detail e f m 0.25 (0.010) ??? ??? k1 k jj1 section n?n j 0.09 0.20 0.004 0.008 k1 0.19 0.25 0.007 0.010 j1 0.09 0.16 0.004 0.006 p --- 2.20 --- 0.087 p1 --- 3.20 --- 0.126 n n
NTQD4154Z http://onsemi.com 6 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 NTQD4154Z/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of NTQD4154Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X